Part Number Hot Search : 
CM2334 67A42 ISL88021 63245 AK4185 75100 RL205 ASRD715
Product Description
Full Text Search
 

To Download ZT028LDCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part #: revision: 4411 south high school road, indianapolis, indiana 46241 u. s.a phone: (317) 612-1000 fax: (317) 612-1010 www.mallory-sonalert.com nema 3r,4x, & 12 approved with use of included gasket. options please contact factory. dimensions: inches (mm) rohs compliant panel mounting recommended hole size is 22.5 mm. thread front will fit standard 22.5mm hole. knurled nut used to attach part to panel. the max recommended torque is 10 in-lbs. weight (typical) 28g housing material 6/6 nylon, color: black storage temperature -40 to +80 c operating temperature -30 to +65 c front cap material 6/6 ny lon, color: opaque white frequency 3700 500 hz loudness @ 2 ft 85 to 95 db(a) typ. current draw 40ma max sound level category loud mode of operation continuous voltage rating 20 to 28 vdc lens color opaque white led color green led mode of operation continuous specifications: mallory sonalert products,inc. ZT028LDCTG sales outline drawing a 1.210 [30.74] m22 x 1.5 thread <0.86 maj. dia. 0.524 [13.31] gasket knurl nut 1.710 [43.44] + -


▲Up To Search▲   

 
Price & Availability of ZT028LDCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X